| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP93PS40F Fiches technique(PDF) 1 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93PS40F Fiches technique(HTML) 1 Page - Toshiba Semiconductor |
|
1 / 48 page ![]() Quality and Reliability Assurance / Handling Precautions 030901 QUA-1 2002-02-20 Quality And Reliability Assurance / Handling Precautions In recent years, technical revolutions have become almost a daily occurrence in the electronics industry. This is accompanied by the increasing application of semiconductors in both the consumer and industrial sectors, and demands for higher quality and higher reliability. Toshiba is making every effort to improve both quality and reliability with the following quality control system which incorporates product design, quality assurance for parts and materials received, manufacturing process quality assurance, shipping quality and reliability assurance, and quality after-service based on user demands and market survey data. 1 Quality And Reliability Assurance 1.1 Quality Assurance Trying to sense the customer’s needs, we do our best to incorporate the quality and reliability required by the customer into the design, while considering the safety and PL (Product Liability) of the products. Quality and reliability evaluation are performed on the developed products according to the Toshiba’s reliability test standard which is prepared in conformity with JIS, EIAJ, MIL, etc., thereby certifying the design. The parts and materials are standardized through the engineering department and the quality assurance department. After the design is accepted, standardization is performed by the engineering department on the parts and materials, process plan, and inspection plan. Engineering Institution of Works (EW) is then established on the working detail. The quality and reliability evaluation are performed on the mass-produced products on an experimental basis. In the mass production, the production department has control of the manufacturing process, the environment and facility, and the quality assurance department. Quality assurance performs incoming inspection of parts and materials, modification control, instrument control, periodical reliability test and line audit. The production technology divisions also participate in process improvement, automatization, etc. Education and training for quality and reliability, are given to new workers, inspectors, engineers and small groups (QC/ZD movement). In shipping the finished products, a lot quality assurance test is performed by the quality assurance department. We then commence preparation of specifications meeting pre-arranged quality and reliability standards and the inspection and reports on discrepant products “quick action” as the motto. Figure 1 shows the quality assurance system of semiconductor. |
Numéro de pièce similaire - TMP93PS40F |
|
Description similaire - TMP93PS40F |