| Moteur de recherche de fiches techniques de composants électroniques |
|
MSK3003 Fiches technique(PDF) 1 Page - M.S. Kennedy Corporation |
|
|
|||||||||||||||||||||||||||||
MSK3003 Fiches technique(HTML) 1 Page - M.S. Kennedy Corporation |
|
1 / 5 page ![]() 4707 Dey Road Liverpool, N.Y. 13088 (315) 701-6751 FEATURES: Pin Compatible with MPM3003 P and N Channel MOSFETs for Ease of Drive Isolated Package for Direct Heat Sinking, Excellent Thermal Conductivity Avalanche Rated Devices Interfaces Directly with Most Brushless Motor Drive IC's 55 Volt, 10 Amp Full Three Phase Bridge ISO-9001 CERTIFIED BY DSCC M.S.KENNEDY CORP. THREE PHASE BRIDGE MOSFET POWER MODULE The MSK 3003 is a three phase bridge power circuit packaged in a space efficient isolated ceramic tab power SIP package. Consisting of P-Channel MOSFETs for the top transistors and N-Channel MOSFETs for the bottom transis- tors, the MSK 3003 will interface directly with most brushless motor drive IC's without special gate driving require- ments. The MSK 3003 uses M.S.Kennedy's proven power hybrid technology to bring a cost effective high perfor- mance circuit for use in today's sophisticated servo motor and disk drive systems. The MSK 3003 is a replacement for the MPM3003 with only minor differences in mechanical specifications. DESCRIPTION: EQUIVALENT SCHEMATIC Three Phase Brushless DC Motor Servo Control Disk Drive Spindle Control Fin Actuator Control Az-El Antenna Control TYPICAL APPLICATIONS PIN-OUT INFORMATION 1 2 3 4 5 6 Source 2,4,6 Gate 2 Gate 1 Drain 1,2 Gate 4 Drain 3,4 Source 1,3,5 Source 1,3,5 Gate 5 Drain 5,6 Gate 6 Gate 3 12 11 10 9 8 7 3003 1 Rev. G 6/00 |
Numéro de pièce similaire - MSK3003 |
|
Description similaire - MSK3003 |