Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT30AYT Fiches technique(PDF) 2 Page - Active-Semi, Inc

No de pièce ACT30AYT
Description  High Performance Off-Line Controller ActiveSwitcherTM IC Family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT30AYT Fiches technique(HTML) 2 Page - Active-Semi, Inc

  ACT30AYT Datasheet HTML 1Page - Active-Semi, Inc ACT30AYT Datasheet HTML 2Page - Active-Semi, Inc ACT30AYT Datasheet HTML 3Page - Active-Semi, Inc ACT30AYT Datasheet HTML 4Page - Active-Semi, Inc ACT30AYT Datasheet HTML 5Page - Active-Semi, Inc ACT30AYT Datasheet HTML 6Page - Active-Semi, Inc ACT30AYT Datasheet HTML 7Page - Active-Semi, Inc ACT30AYT Datasheet HTML 8Page - Active-Semi, Inc ACT30AYT Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACT30
Rev 5, 05-Jun-09
Active-Semi
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActiveSwitcher
TM is a trademark of Active-Semi.
ORDERING INFORMATION
PIN DESCRIPTIONS
PART NUMBER
SWITCHING
FREQUENCY
CURRENT
LIMIT
JUNCTION
TEMPERATURE
PINS
ACT30AHT
65kHz
400mA
-40˚C to 150˚C
3
PACKAGE
TO-92
ACT30BHT
65kHz
800mA
-40˚C to 150˚C
TO-92
3
ACT30AYT
65kHz
400mA
-40˚C to 150˚C
SOT23-B
3
PIN
NAME
DESCRIPTION
TO-92
SOT23-B
1
1
VDD
Power Supply Pin. Connect to optocoupler's emitter. Internally limited to 5.5V max.
Bypass to GND with a proper compensation network.
2
3
GND
Ground.
3
2
DRV
Driver Output (TO-92 Only). Connect to emitter of the high voltage NPN or
MOSFET. For ACT30A/C, DRV pin is internally connected to DRV1. For ACT30B/D,
DRV pin is internally connected to both DRV1 and DRV2.
PIN CONFIGURATION
TO-92
SOT23-B
ACT30A
ACT30B



Html Pages

1 2 3 4 5 6 7 8 9 10