| Moteur de recherche de fiches techniques de composants électroniques |
|
MLV-030D Fiches technique(PDF) 11 Page - All Sensors Corporation |
|
|
|||||||||||||||||||||||||||||
MLV-030D Fiches technique(HTML) 11 Page - All Sensors Corporation |
|
11 / 16 page ![]() All Sensors DS-0274 Rev C E2ND Package 7.17 0.282 0.64 2.12 0.084 0.025 0.350 (min) 8.89 0.225 5.72 Pin 1 2 3 4 Pin 8 7 6 5 Port B Port A 2.10 10.79 0.425 12.70 0.500 0.082 0.100 2.54 NOTES 1) Dimensions are in inches [mm] 2) For suggested pad layout, see drawing: PAD-03 E2BD Package Port B Pin 1 2 3 4 Port A Pin 8 7 6 5 0.083 0.100 0.045 2.11 0.425 1.14 0.500 12.70 2.54 10.80 8.89 0.64 (min) 0.360 0.350 9.15 0.025 0.084 2.12 0.225 5.72 NOTES 1) Dimensions are in inches [mm] 2) For suggested pad layout, see drawing: PAD-03 Pinout 1) Gnd 2) +Out 3) Vs 4) -Out 5) Do Not Connect 6) Do Not Connect 7) Do Not Connect 8) Do Not Connect Pinout 1) Gnd 2) +Out 3) Vs 4) -Out 5) Do Not Connect 6) Do Not Connect 7) Do Not Connect 8) Do Not Connect |