Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES2DA Fiches technique(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce ES2DA
Description  Surface Mount Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ES2DA Fiches technique(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  ES2DA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ES2DA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited ES2DA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Surface Mount Rectifiers
ES2AA--ES2JA
Document Number: SMA102AA
www.gmicroelec.com
2
PACKAGE OUTLINE DIMENSIONS
SOLDERING FOOTPRINT
Unit :mm
PACKAGE
INFORMATION
Device
Package
Shipping
ES2AA--ES2JA
DO-214AC(SMA)
5000/Tape&Reel
DO-214AC(SMA)
Dim
Min
Max
A
4.25
4.65
B
2.40
2.80
C
1.85
2.15
D
4.85
5.35
E
0.10
0.30
F
0.90
1.50
G
0.20MAX
H
1.90
2.30
I
1.35
1.65
All Dimensions in mm



Html Pages

1 2 3