| Moteur de recherche de fiches techniques de composants électroniques |
|
AVT Fiches technique(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
AVT Fiches technique(HTML) 3 Page - Vishay Siliconix |
|
3 / 6 page ![]() AVT www.vishay.com Vishay Huntington Revision: 03-Jun-16 3 Document Number: 31841 For technical questions, contact: ww2dresistors@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 DIMENSIONS in inches (millimeters) MODEL A (MAX.) CORE DIMENSIONS TERMINAL SETBACK ± 0.031 (0.79) DISTANCE CENTER TO CENTER (REF.) TERMINAL DESIGNATION SLIDER MODEL NUMBER LENGTH O.D. ± 0.031 (0.79) I.D. ± 0.031 (0.79) STANDARD OPTIONAL (QUICK CONNECT) AVT010 0.406 (10.31) 1.750 (44.45) 0.313 (7.95) 0.188 (4.78) 0.094 (2.39) 1.375 (34.93) 05 14 70 AVT020 0.563 (14.30) 2.000 (50.8) 0.438 (11.13) 0.260 (6.60) 0.094 (2.39) 1.625 (41.28) 02 14 70 AVT20A 0.563 (14.30) 1.500 (38.10) 0.438 (11.11) 0.313 (7.94) 0.094 (2.38) 0.937 (23.80) 02 14 - AVT025 0.668 (17.48) 2.000 (50.8) 0.563 (14.30) 0.313 (7.95) 0.094 (2.39) 1.562 (39.67) 06 15 71 AVT25A 0.906 (23.01) 2.000 (50.8) 0.750 (19.05) 0.500 (12.7) 0.094 (2.39) 1.562 (39.67) 06 15 72 AVT25B 0.770 (19.56) 2.000 (50.8) 0.625 (15.88) 0.453 (11.51) 0.094 (2.39) 1.562 (39.67) 06 15 71 AVT050 0.688 (17.48) 4.000 (101.6) 0.563 (14.30) 0.313 (7.95) 0.094 (2.39) 3.562 (90.47) 06 15 71 AVT50A 0.906 (23.01) 4.000 (101.6) 0.750 (19.05) 0.500 (12.70) 0.062 (1.57) 3.626 (92.10) 06 15 71 AVT50B 0.906 (23.01) 4.500 (114.3) 0.750 (19.05) 0.547 (13.89) 0.125 (3.18) 4.000 (101.60) 06 15 72 AVT075 0.688 (17.48) 6.000 (152.4) 0.563 (14.30) 0.313 (7.95) 0.094 (2.39) 5.562 (141.27) 06 15 71 AVT75A 0.906 (23.01) 6.000 (152.4) 0.750 (19.05) 0.500 (12.70) 0.094 (2.39) 5.562 (141.27) 06 15 72 AVT080 1.313 (33.34) 4.000 (101.6) 1.125 (28.58) 0.750 (19.05) 0.219 (5.56) 2.812 (71.42) 20 15 - AVT100 0.906 (23.01) 6.500 (165.1) 0.750 (19.05) 0.500 (12.70) 0.125 (3.18) 6.000 (152.40) 06 15 72 AVT130 1.313 (33.35) 6.500 (165.1) 1.125 (28.58) 0.750 (19.05) 0.282 (7.16) 5.374 (136.50) 20 15 73 AVT160 1.313 (33.35) 8.500 (215.9) 1.125 (28.58) 0.750 (19.05) 0.267 (6.78) 7.404 (188.06) 20 15 73 AVT175 1.313 (33.34) 8.500 (215.9) 1.125 (28.58) 0.750 (19.05) 0.219 (5.56) 7.312 (185.72) 20 15 - AVT200 AVT225 1.313 (33.35) 10.500 (266.7) 1.125 (28.58) 0.750 (19.05) 0.266 (6.76) 9.406 (238.91) 20 15 73 TERMINAL DIMENSIONS in inches (millimeters) DIMENSIONS TERMINAL STYLE 20 02 05 06 14 15 A 0.375 (9.53) 0.188 (4.76) 0.188 (4.76) 0.250 (6.35) 0.188 (4.76) 0.250 (6.35) B 0.562 (14.27) 0.393 (9.98) 0.393 (9.98) 0.500 (12.70) 0.563 (14.29) 0.594 (15.08) C (HOLE DIAMETER) 0.204 (5.18) 0.133 (3.38) 0.133 (3.38) 0.172 (4.36) 0.050 (1.27) 0.065 (1.65) D 0.020 (0.51) 0.020 (0.51) 0.020 (0.51) 0.020 (0.51) 0.020 (0.51) 0.031 (0.79) A O.D. I.D. LENGTH TERMINAL SETBACK DISTANCE CENTER TO CENTER D Styles 14 and 15 B A C B D C A Style 05, 06, and 20 |