| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8974 Fiches technique(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8974 Fiches technique(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 63 page ![]() Product Preview WM8974 w PP Rev 1.1 September 2004 3 PIN CONFIGURATION ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PACKAGE BODY TEMPERATURE WM8974GEFL/V -25 °C to +85°C (lead free) 24-pin QFN (4x4x0.9mm) MSL3 260 oC WM8974GEFL/RV -25 °C to +85°C (lead free, tape and reel) 24-pin QFN (4x4x0.9mm) MSL3 260 oC Note: Reel Quantity = 3,500 |