Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

409-10093 Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce 409-10093
Description  Safeguards are designed into this application equipment to protect operators and maintenance personnel from most hazards during equipment operation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

409-10093 Fiches technique(HTML) 2 Page - Tyco Electronics

  409-10093 Datasheet HTML 1Page - Tyco Electronics 409-10093 Datasheet HTML 2Page - Tyco Electronics 409-10093 Datasheet HTML 3Page - Tyco Electronics 409-10093 Datasheet HTML 4Page - Tyco Electronics 409-10093 Datasheet HTML 5Page - Tyco Electronics 409-10093 Datasheet HTML 6Page - Tyco Electronics 409-10093 Datasheet HTML 7Page - Tyco Electronics 409-10093 Datasheet HTML 8Page - Tyco Electronics 409-10093 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
409-10093
Pin-Barrel Insertion Module 2031100-1
Rev A
2 of 37
Tyco Electronics Corporation
SAFETY PRECAUTIONS AVOID INJURY
Safeguards are designed into this application equipment to protect operators and maintenance personnel from
most hazards during equipment operation. However, certain safety precautions must be taken by the operator
and repair personnel to avoid personal injury, as well as damage to the equipment. For best results, application
equipment must be operated in a dry, dust–free environment. Do not operate equipment in a gaseous or
hazardous environment.
Carefully observe the following safety precautions before and during operation of the equipment:
D ALWAYS wear appropriate ear protection.
D ALWAYS wear approved eye protection when operating powered equipment.
D ALWAYS keep guard(s) in place during normal operation.
D ALWAYS insert power plug into a properly grounded receptacle to avoid electrical shock.
D ALWAYS turn off the main power switch and disconnect electrical cord from the power source when
performing maintenance on the equipment.
D NEVER wear loose clothing or jewelry that may catch in moving parts of the application equipment.
D NEVER insert hands into installed application equipment.
D NEVER alter, modify, or misuse the application equipment.
TOOLING ASSISTANCE CENTER
CALL TOLL FREE 1-800-722-1111 (CONTINENTAL UNITED STATES AND PUERTO RICO ONLY)
The Tooling Assistance Center offers a means of providing technical assistance when required.
In addition, Field Service Specialists are available to provide assistance in the adjustment or repair of the
application equipment when problems arise which your maintenance personnel are unable to correct.
INFORMATION REQUIRED WHEN CONTACTING THE TOOLING ASSISTANCE CENTER
When calling the Tooling Assistance Center regarding service to equipment, it is suggested that a person
familiar with the device be present with a copy of the manual (and drawings) to receive instructions. Many
difficulties can be avoided in this manner.
When calling the Tooling Assistance Center, be ready with the following information:
01. Customer name
02. Customer address
03. Person to contact (name, title, telephone number, and extension)
04. Person calling
05. Equipment number (and serial number if applicable)
06. Product part number (and serial number if applicable)
07. Urgency of request
08. Nature of problem
09. Description of inoperative component(s)
10. Additional information/comments that may be helpful
DANGER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37