| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8772 Fiches technique(PDF) 66 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8772 Fiches technique(HTML) 66 Page - Wolfson Microelectronics plc |
|
66 / 70 page ![]() WM8772EFT – 32 PIN TQFP Production Data w PD Rev 4.1 October 2004 66 APPLICATIONS INFORMATION RECOMMENDED EXTERNAL COMPONENTS RECOMMENDED EXTERNAL COMPONENTS VALUES COMPONENT REFERENCE SUGGESTED VALUE DESCRIPTION C1 and C5 10 µF De-coupling for DVDD and AVDD. C2 to C4 0.1 µF De-coupling for DVDD and AVDD. C8 and C9 1 µF Analogue input high pass filter capacitors C6 and C10 0.1 µF C7 and C11 10 µF Reference de-coupling capacitors for VMID and ADCREF pin. C12 10 µF Filtering for VREFP. Omit if AVDD low noise. R1 330 Ω Filtering for VREP. Use 0 Ω if AVDD low noise. Table 23 External Components Description |