| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8510 Fiches technique(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8510 Fiches technique(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 56 page ![]() Product Preview WM8510 w PP Rev 1.2 December 2004 3 PIN CONFIGURATION ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PACKAGE BODY TEMPERATURE WM8510GEDS/V -25 °C to +85°C 28-pin SSOP (lead free) MSL3 260 oC WM8510GEDS/RV -25 °C to +85°C 28-pin SSOP (lead free, tape and reel) MSL3 260 oC Note: Reel Quantity = 2,000 |