| Moteur de recherche de fiches techniques de composants électroniques |
|
LMC7101 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMC7101 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 18 page ![]() LMC7101 Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output General Description The LMC7101 is a high performance CMOS operational am- plifier available in the space saving SOT 23-5 Tiny package. This makes the LMC7101 ideal for space and weight critical designs. The performance is similar to a single amplifier of the LMC6482/4 type, with rail-to-rail input and output, high open loop gain, low distortion, and low supply currents. The main benefits of the Tiny package are most apparent in small portable electronic devices, such as mobile phones, pagers, notebook computers, personal digital assistants, and PCMCIA cards. The tiny amplifiers can be placed on a board where they are needed, simplifying board layout. Features n Tiny SOT23-5 package saves space — typical circuit layouts take half the space of SO-8 designs n Guaranteed specs at 2.7V, 3V, 5V, 15V supplies n Typical supply current 0.5 mA at 5V n Typical total harmonic distortion of 0.01% at 5V n 1.0 MHz gain-bandwidth n Similar to popular LMC6482/4 n Input common-mode range includes V − and V+ n Tiny package outside dimensions — 120 x 118 x 56 mils, 3.05 x 3.00 x 1.43 mm Applications n Mobile communications n Notebooks and PDAs n Battery powered products n Sensor interface Connection Diagram Package Ordering Information NSC Drawing Number Package Marking Supplied As 5-Pin SOT 23-5 LMC7101AIM5 MA05A A00A 1k Units on Tape and Reel LMC7101AIM5X MA05A A00A 3k Units Tape and Reel LMC7101BIM5 MA05A A00B 1k Units on Tape and Reel LMC7101BIM5X MA05A A00B 3k Units Tape and Reel 5-Pin SOT23-5 DS011991-2 Top View September 1999 © 1999 National Semiconductor Corporation DS011991 www.national.com |
Numéro de pièce similaire - LMC7101 |
|
Description similaire - LMC7101 |