Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8560710000 Fiches technique(PDF) 10 Page - Weidmuller

No de pièce 8560710000
Description  Mini Coupler / Mini Conditioner
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEIDMULLER [Weidmuller]
Site Internet  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8560710000 Fiches technique(HTML) 10 Page - Weidmuller

Back Button 8560710000 Datasheet HTML 6Page - Weidmuller 8560710000 Datasheet HTML 7Page - Weidmuller 8560710000 Datasheet HTML 8Page - Weidmuller 8560710000 Datasheet HTML 9Page - Weidmuller 8560710000 Datasheet HTML 10Page - Weidmuller 8560710000 Datasheet HTML 11Page - Weidmuller 8560710000 Datasheet HTML 12Page - Weidmuller 8560710000 Datasheet HTML 13Page - Weidmuller 8560710000 Datasheet HTML 14Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
165
RTD Thermocouple Conditioners
Block diagram
MCZ PT100/3 CLP
0…100 °C / 0…120 °C / 0…150 °C / 0…200 °C / 0…300 °C
-50…+150 °C / -40…100 °C
Type
Cat. No.
MCZ PT100/3 CLP
0…100 °C
8425720000
MCZ PT100/3 CLP
0…120 °C
8483680000
MCZ PT100/3 CLP
0…150 °C
8604420000
MCZ PT100/3 CLP
0…200 °C
8473010000
MCZ PT100/3 CLP
0…300 °C
8473020000
MCZ PT100/3 CLP
-50…+150 °C
8473000000
MCZ PT100/3 CLP
-40…100 °C
8604430000
PT 100 (according to IEC 751)
3-wire / 2-wire*
each 50 Ω
max. 0.006 °C/Ω
0.8 mA
4…20 mA**
750 Ω at 24 V
max: 30V / min: 9 V+20mA x RL
max: 1.5 V at 100 Hz
10 ms
Type. 0.2 % max. 0.5 % v. FSR
<0.1 % v. FSR
max. ±250 ppm/°C
yes
EMVG
EN 50081-1
EN 50082-2
CE, UL, CSA
0 °C…+50 °C
-20 °C…+85 °C
AWG 22…12
1.5 mm2
6 mm
** current loop supplied
Page 305
Ordering data
for TS 35
Technical data
Input
Connection
Max. wire resistance
Leadwire resistance effect
Supply current
Output
Load
Supply voltage
Residual ripple of supply voltage
Set time
Accuracy
Linearity
Temperature coefficient
Open circuit recognition
EMC
Approvals
Ambient temperature
Storage temperature
Conductor
Conductor cross-section
Overall width
* Putting a bridge between Pins 4 and 5
Dimensions and accessories see
The temperature module converts measurement
values from a PT 100 into analogue measure-
ment signals. The module supplies the sensor
with power. The module is distinguished by its
accuracy and linearity.
• for 2 and 3 wire sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com