| Moteur de recherche de fiches techniques de composants électroniques |
|
LMC660AMJ/883 Fiches technique(PDF) 11 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMC660AMJ/883 Fiches technique(HTML) 11 Page - National Semiconductor (TI) |
|
11 / 14 page ![]() Typical Single-Supply Applications (V+ = 5.0 VDC) (Continued) 10 Hz Bandpass Filter DS008767-12 fO = 10 Hz Q = 2.1 Gain = −8.8 10 Hz High-Pass Filter DS008767-13 fc = 10 Hz d = 0.895 Gain = 1 2 dB passband ripple 1 Hz Low-Pass Filter (Maximally Flat, Dual Supply Only) DS008767-14 fc = 1Hz d = 1.414 Gain = 1.57 High Gain Amplifier with Offset Voltage Reduction DS008767-15 Gain = −46.8 Output offset voltage reduced to the level of the input offset voltage of the bottom amplifier (typically 1 mV). www.national.com 11 |