Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS2 Fiches technique(PDF) 30 Page - fujitsu semiconductor

No de pièce CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [fujitsu semiconductor]
Site Internet  
Logo FUJITSU - fujitsu semiconductor

CS2 Fiches technique(HTML) 30 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 26Page - fujitsu semiconductor CS2 Datasheet HTML 27Page - fujitsu semiconductor CS2 Datasheet HTML 28Page - fujitsu semiconductor CS2 Datasheet HTML 29Page - fujitsu semiconductor CS2 Datasheet HTML 30Page - fujitsu semiconductor CS2 Datasheet HTML 31Page - fujitsu semiconductor CS2 Datasheet HTML 32Page - fujitsu semiconductor CS2 Datasheet HTML 33Page - fujitsu semiconductor CS2 Datasheet HTML 34Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
30
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
The over current limit value is affected by ILIM pin source current and over current detection offset voltage
in the IC except for the on resistance of the low-side FET and the inductor value. The variation of dropped
over current limit value caused by IC characteristics is calculated by the following formula.
2
10-7
RLIM + 0.03
ΔILIM =
RON_Sync
ΔILIM
: The variation of dropped over current limit value [A]
RLIM
: Over current limitation value setting resistor [Ω]
RON_Sync
: ON resistance of low-side FET [Ω]
IO
0
ILIM
ILIM’
The over current detection value needs to set a sufficient margin against the maximum load current.
Inductor current
Dropped over current limit value due to
IC's characteristics
Time
Over current limit value
ΔILIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56