Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FREQ Fiches technique(PDF) 47 Page - fujitsu semiconductor

No de pièce FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [fujitsu semiconductor]
Site Internet  
Logo FUJITSU - fujitsu semiconductor

FREQ Fiches technique(HTML) 47 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 43Page - fujitsu semiconductor FREQ Datasheet HTML 44Page - fujitsu semiconductor FREQ Datasheet HTML 45Page - fujitsu semiconductor FREQ Datasheet HTML 46Page - fujitsu semiconductor FREQ Datasheet HTML 47Page - fujitsu semiconductor FREQ Datasheet HTML 48Page - fujitsu semiconductor FREQ Datasheet HTML 49Page - fujitsu semiconductor FREQ Datasheet HTML 50Page - fujitsu semiconductor FREQ Datasheet HTML 51Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
47
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
RoHS COMPLIANCE INFORMATION OF LEAD (Pb) FREE VERSION
The LSI products of FUJITSU SEMICONDUCTOR with “E1” are compliant with RoHS Directive, and has
observed the standard of lead, cadmium, mercury, Hexavalent chromium, polybrominated biphenyls (PBB),
and polybrominated diphenyl ethers (PBDE). A product whose part number has trailing characters “E1” is
RoHS compliant.
MARKING FORMAT (Lead Free version)
XXXX
39A214A
XXX
E1
INDEX Lead-free version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56