Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLE4271 Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce TLE4271
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271 Fiches technique(HTML) 3 Page - Infineon Technologies AG

  TLE4271 Datasheet HTML 1Page - Infineon Technologies AG TLE4271 Datasheet HTML 2Page - Infineon Technologies AG TLE4271 Datasheet HTML 3Page - Infineon Technologies AG TLE4271 Datasheet HTML 4Page - Infineon Technologies AG TLE4271 Datasheet HTML 5Page - Infineon Technologies AG TLE4271 Datasheet HTML 6Page - Infineon Technologies AG TLE4271 Datasheet HTML 7Page - Infineon Technologies AG TLE4271 Datasheet HTML 8Page - Infineon Technologies AG TLE4271 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TLE 4271-2
Data Sheet Rev. 2.4
3
2001-04-04
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by
resistance adjustment, to a voltage that is proportional to the output voltage and drives
the base of a series transistor via a buffer. Saturation control as a function of the load
current prevents any over-saturation of the power element.
The reset output RO is in high-state if the voltage on the delay capacitor
C
D is greater or
equal
V
UD. The delay capacitor CD is charged with the current ID for output voltages
greater than the reset threshold
V
RT. If the output voltage gets lower than VRT (’reset
condition’) a fast discharge of the delay capacitor
C
D sets in and as soon as VD gets lower
than
V
LD the reset output RO is set to low-level.
The time for the delay capacitor charge from
V
UD to VLD is the reset delay time tD.
When the voltage on the delay capacitor has reached
V
UD and reset was set to high, the
watchdog circuit is enabled and discharges
C
D with the constant current IDWD. If there is
no rising edge observed at the watchdog input,
C
D will be discharge down to VLDW, then
reset output RO will be set to low and
C
D will be charged again with the current IDWC until
V
D reaches VUD and reset will be set high again.
If the watchdog pulse (rising edge at watchdog input WI) occurs during the discharge
period
C
D is charged again and the reset output stays high. After VD has reached VUD,
the periodical behavior starts again.
Internal protection circuits protect the IC against:
• Overload
• Overvoltage
• Overtemperature
• Reverse polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23