Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THS4304DBVT Fiches technique(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
No de pièce THS4304DBVT
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVT Fiches technique(HTML) 16 Page - Texas Instruments

Back Button THS4304DBVT Datasheet HTML 12Page - Texas Instruments THS4304DBVT Datasheet HTML 13Page - Texas Instruments THS4304DBVT Datasheet HTML 14Page - Texas Instruments THS4304DBVT Datasheet HTML 15Page - Texas Instruments THS4304DBVT Datasheet HTML 16Page - Texas Instruments THS4304DBVT Datasheet HTML 17Page - Texas Instruments THS4304DBVT Datasheet HTML 18Page - Texas Instruments THS4304DBVT Datasheet HTML 19Page - Texas Instruments THS4304DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
www.ti.com
SOT-23 versus MSOP
EVALUATION MODULES
1
2
4
3
5
VREF
R3
R6
+VS
C8
R8
C3
R7
+VS
U1
R9
C7
J1
R10
R11
R1
VREF
−VS
THS4304
R2
C9
J2
C5
C1
−VS
FB1
FB2
J3
J4
J6
J5
−VS
+VS
GND GND
+VS
TP1
GND
C2
C4
R12*
C6*
−VS
+VS
*C6 − DGK EVM Only
*R12 − DBV EVM Only
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
APPLICATION INFORMATION (continued)
With light loading of 500-
Ω and higher resistance, the THS4304 shows HD2 that is not dependant of package.
With heavy output loading of 100
Ω, the THS4304 in SOT-23 package shows about 6 dB better HD2
performance versus the MSOP package.
The THS4304 has two evaluation modules (EVMs) available. One is for the MSOP (DGK) package and the other
for the SOT-23 (DBV) package. These provide a convenient platform for evaluating the performance of the part
and building various different circuits. The full schematics, board layout, and bill of materials (as supplied) for the
boards are shown in the following illustrations.
Figure 47. EVM Full Schematic
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26