Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM8707 Fiches technique(PDF) 1 Page - Nippon Precision Circuits Inc

No de pièce SM8707
Description  Clock Generator with Dual PLLs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8707 Fiches technique(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8707 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SM8707 series
NIPPON PRECISION CIRCUITS INC.—1
Clock Generator with Dual PLLs
OVERVIEW
The SM8707 series are dual-PLL clock generator ICs, using a 27MHz master clock, that generate independent
audio clock, video clock, and signal processor clock outputs needed in DVD player/recorder applications. Each
PLL loop filter and crystal oscillator circuit are built-in and require no external components, resulting in high-
precision clocks. The lineup includes devices that support both 44.1/48kHz audio sampling frequencies (fs),
switchable using a control pin. The sampling frequency can be switched during operation without generating
any output spike noise.
FEATURES
I
Supply voltage: 3.0 to 3.6V
I
Low current consumption: 35mA typ.
(VDD = 3.3V, all outputs with no load)
I
27MHz master clock
(internal PLL reference clock)
I
PLL loop filter built-in
I
Crystal oscillator circuit built-in
I
Sampling frequency fs: 44.1/48kHz
I
16-pin VSOP package (Pb free)
I
Generated clocks (Refer to “Output Frequency Listing” on page 18 for details.)
I
Low jitter output (1-sigma output load capacitance typical values)
APPLICATIONS
I
DVD players/recorders
I
DVD car navigation system
ORDERING INFORMATION
PACKAGE DIMENSIONS
(Unit: mm)
Weight: 0.07g
SM8707D
SM8707E
SM8707F
SM8707G
SM8707H
SM8707K
SM8707L
Video system
output
27.0000MHz
27.0000MHz
27.0000MHz
27.0000MHz
27.0000MHz
27.0000MHz
Audio system
output
512fs
768fs1
384fs1
1. 384fs (fs
= 44.1kHz)/768fs (fs = 48kHz)
512fs
768fs
512fs
768fs
768fs
Signal processor
system output
16.9344MHz
33.8688MHz
33.8688MHz
16.9344MHz
33.8688MHz
33.8688MHz
16.9344MHz
33.8688MHz
36.8640MHz
18.4320MHz
24.5760MHz
33.8688MHz
36.8640MHz
24.5760MHz
33.8688MHz
SM8707D
SM8707E
SM8707F
SM8707G
SM8707H
SM8707K
SM8707L
Video system
output
20ps
20ps
20ps
20ps
20ps
20ps
Audio and Signal
processor
system output
70ps
55ps
40ps
40ps
70ps
60ps
60ps
Device
Package
SM8707DV
16-pin VSOP
SM8707EV
SM8707FV
SM8707GV
SM8707HV
SM8707KV
SM8707LV
5.1 0.2
0.5 0.2
0.275typ
0.65
0.10
0.12 M
0.15
+ 0.1
- 0.05
0.22
+ 0.1
− 0.05
0 to 10


Numéro de pièce similaire - SM8707

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM8707E NPC-SM8707E Datasheet
380Kb / 12P
Clock Generator with Dual PLLs
SM8707F NPC-SM8707F Datasheet
380Kb / 12P
Clock Generator with Dual PLLs
More results

Description similaire - SM8707

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
Communications Clock PLLs
Revision 040601
logo
Texas Instruments
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
logo
Maxim Integrated Produc...
MAX9471 MAXIM-MAX9471 Datasheet
3Mb / 13P
Multiple-Output Clock Generators with Dual PLLs and OTP
Rev 1; 8/06
logo
Analog Devices
AD9577 AD-AD9577 Datasheet
672Kb / 44P
Clock Generator with Dual PLLs
REV. 0
logo
Texas Instruments
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
Precision Clock Conditioner with Dual PLLs and Integrated VCO
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
Nippon Precision Circui...
SM8707E NPC-SM8707E Datasheet
380Kb / 12P
Clock Generator with Dual PLLs
logo
Texas Instruments
CDC5806 TI1-CDC5806_15 Datasheet
340Kb / 13P
THREE PLLs BASED CLOCK GENERATOR
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
Analog Devices
AD9577 AD-AD9577_16 Datasheet
746Kb / 44P
Clock Generator with Dual PLLs, Spread Spectrum, and Margining
8/2016-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com