Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMC6061AMJ/883 Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LMC6061AMJ/883
Description  Precision CMOS Single Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6061AMJ/883 Fiches technique(HTML) 6 Page - National Semiconductor (TI)

Back Button LMC6061AMJ/883 Datasheet HTML 2Page - National Semiconductor (TI) LMC6061AMJ/883 Datasheet HTML 3Page - National Semiconductor (TI) LMC6061AMJ/883 Datasheet HTML 4Page - National Semiconductor (TI) LMC6061AMJ/883 Datasheet HTML 5Page - National Semiconductor (TI) LMC6061AMJ/883 Datasheet HTML 6Page - National Semiconductor (TI) LMC6061AMJ/883 Datasheet HTML 7Page - National Semiconductor (TI) LMC6061AMJ/883 Datasheet HTML 8Page - National Semiconductor (TI) LMC6061AMJ/883 Datasheet HTML 9Page - National Semiconductor (TI) LMC6061AMJ/883 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Typical Performance Characteristics V
S = ±7.5V, TA = 25˚C, Unless otherwise
specified (Continued)
Applications Hints
AMPLIFIER TOPOLOGY
The LMC6061 incorporates a novel op-amp design topology
that enables it to maintain rail-to-rail output swing even when
driving a large load. Instead of relying on a push-pull unity
gain output buffer stage, the output stage is taken directly
from the internal integrator, which provides both low output
impedance and large gain. Special feed-forward compensa-
tion design techniques are incorporated to maintain stability
over a wider range of operating conditions than traditional
micropower op-amps. These features make the LMC6061
both easier to design with, and provide higher speed than
products typically found in this ultra-low power class.
COMPENSATING FOR INPUT CAPACITANCE
It is quite common to use large values of feedback resis-
tance for amplifiers with ultra-low input current, like the
LMC6061.
Although the LMC6061 is highly stable over a wide range of
operating conditions, certain precautions must be met to
achieve the desired pulse response when a large feedback
resistor is used. Large feedback resistors and even small
values of input capacitance, due to transducers, photo-
diodes, and circuit board parasitics, reduce phase margins.
When high input impedances are demanded, guarding of the
LMC6061 is suggested. Guarding input lines will not only re-
duce leakage, but lowers stray input capacitance as well.
(See
Printed-Circuit-Board Layout for High Impedance
Work).
The effect of input capacitance can be compensated for by
adding a capacitor. Place a capacitor, C
f, around the feed-
back resistor (as in
Figure 1) such that:
or
R
1 CIN ≤ R2 Cf
Since it is often difficult to know the exact value of C
IN,Cf can
be experimentally adjusted so that the desired pulse re-
sponse is achieved. Refer to the LMC660 and the LMC662
for a more detailed discussion on compensating for input
capacitance.
Inverting Small Signal
Pulse Response
DS011422-30
Inverting Large Signal
Pulse Response
DS011422-31
Non-Inverting Small
Signal Pulse Response
DS011422-32
Non-Inverting Large
Signal Pulse Response
DS011422-33
Stability vs Capacitive
Load, R
L = 20 kΩ
DS011422-34
Stability vs Capacitive
Load R
L = 1MΩ
DS011422-35
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12