Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL816 Fiches technique(PDF) 18 Page - List of Unclassifed Manufacturers

No de pièce GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

GL816 Fiches technique(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button GL816 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 17Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 18Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 19Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 20Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 21Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
GL816 – USB 2.0 Flash Card Reader Controller
©2000-2001 Genesys Logic Inc.—All rights reserved.
Page 18
Parameter
Description
Mode
Min
Typ
Max
0, 1
88.3
Tds
Data setup time (read)
2, 3
38.3
0, 1
2
Tdh
Data hold time (read)
2, 3
2
0
666.4
1
416.5
2
222.1
Tdc
Access cycle time (read / write)
3
166.5
0
333.2
1
166.6
2
133.2
Tpw
Control pulse width (read / write)
3
66.6
0, 1
26.6
Tdp
Data pre-output time (write)
2, 3
1.6
0, 1
41.6
Tdd
Data delay time (write)
2, 3
16.6
5.3.4 SmartMedia
Read
\\\\\;\\\\\\\\\\\\\@;\\\\\@’
RE#
hhhhhfllllllrhhhhhhhfllllllr
\\\\\\\\;\\@;\@’\\\\\\\\\\\\
D[0..7]
zzzzzzzznddddddozzzzzzzznddd
Write
CLE
lrhhhhflllllllllllllllllllll
\;\\\@’\\\\\\\\\\\\\;\\\\@’\
ALE
lllllllllrhhhhhhhfllllllllll
\\\\\\\\\\\\\\\\\\\\;\@’\\\\
WE#
hhhhhhhhhhhhhhhhhhhhfllrhhfl
\;@;@’\\\;@’;@;@’\\\\;@;@’\\
D[0..7]
zzzndozzzzndozndozzzzndddozn
Tcr
Tds
Tdh
Trw
Tcw
Tcd
Tai
Tad
Tdw
Tdw
Tww
Twc
Tdp
Tdd
Unit: ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23