Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

466294-2 Fiches technique(PDF) 10 Page - TE Connectivity Ltd

No de pièce 466294-2
Description  Printed Circuit (PC) Board Pins and Disconnect Receptacle Contacts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

466294-2 Fiches technique(HTML) 10 Page - TE Connectivity Ltd

Back Button 466294-2 Datasheet HTML 3Page - TE Connectivity Ltd 466294-2 Datasheet HTML 4Page - TE Connectivity Ltd 466294-2 Datasheet HTML 5Page - TE Connectivity Ltd 466294-2 Datasheet HTML 6Page - TE Connectivity Ltd 466294-2 Datasheet HTML 7Page - TE Connectivity Ltd 466294-2 Datasheet HTML 8Page - TE Connectivity Ltd 466294-2 Datasheet HTML 9Page - TE Connectivity Ltd 466294-2 Datasheet HTML 10Page - TE Connectivity Ltd 466294-2 Datasheet HTML 11Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
114-1008
Rev K1
10 of 11
WIRE
TOOLING
SIZE (AWG)
INSULATION DIAMETER
APPLICATOR AND
INSTRUCTION SHEET
POWER UNIT
HAND CRIMPING TOOL AND
INSTRUCTION SHEET
Tinsel
0.76-1.02 [.030-.040]
687769-2
408-8040
1725900-[ ], 1725950-[ ],
2161400-[ ], 2161500-[ ],
2217000-[ ], 354500-1, or
565435-5
—
—
28-26
0.81-1.45 [.032-.057]
567307-2
408-8040
—
—
0.89-1.14 [.035-.045]
466348-2
90205-2
408-7914
26-22
0.89-1.65 [.035-.065]
466348-2
408-8040
90131-4
408-7850
466296-2
408-8039
26-20
1.02-2.79 [.040-.110]
687662-2
408-8025
—
—
24-22
1.52-2.29 [.060-.090]
—
—
—
90221-2
408-7963
24-20
1.02-2.54 [.040-.100]
466295-2
408-8039
1725900-[ ], 1725950-[ ],
2161400-[ ], 2161500-[ ],
2217000-[ ], or 354500-1
—
—
1.14-1.78 [.045-.070]
466294-2
466443-2
408-8040
90204-4
408-7951
1.52- 2.29 [.060-.090]
466453-2
—
—
22-20
1.52-2.29 [.060-.090]
—
—
—
90314-1
408-7698
22-18
1.52-2.79 [.060-.110]
466469-1
408-8040
1725900-[ ], 1725950-[ ],
2161400-[ ], 2161500-[ ],
2217000-[ ], or 354500-1
90135-2
408-7345
2.79 [.110] (Max)
466832-2
—
—
1.02-2.79 [.040-.110]
567138-2
408-8040
1725900-[ ], 1725950-[ ],
2161400[ ], 2161500-[ ],
2217000-[ ], or 354500-1
—
—
22-17
1.52-2.29 [.060-.090]
466563-2
408-8040
1725900-[ ], 1725950-[ ],
2161400[ ], 2161500-[ ],
2217000-[ ], 354500-1, or
565435-5
—
—
18-17
1.52-2.29 [.060-.090]
—
—
—
90314-1
408-7698
Figure 10 (End)
Miniature Quick-Change
Applicator (See Table)
AMP-O-LECTRIC Model G II
Terminators 2217000-[ ]
(409-32035) or
AMP-O-
LECTRIC Model “G”
Terminating Machine 354500-1
(409-5842)
AMP-O-LECTR
IC Model “K”
Terminating Machines 565435-5
(409-5128)
Hand Crimping Tools
(See Table)



Html Pages

1 2 3 4 5 6 7 8 9 10 11