Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SX1502EVK Fiches technique(PDF) 6 Page - Semtech Corporation

No de pièce SX1502EVK
Description  4/8/16 Channel Low Voltage GPIO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1502EVK Fiches technique(HTML) 6 Page - Semtech Corporation

Back Button SX1502EVK Datasheet HTML 2Page - Semtech Corporation SX1502EVK Datasheet HTML 3Page - Semtech Corporation SX1502EVK Datasheet HTML 4Page - Semtech Corporation SX1502EVK Datasheet HTML 5Page - Semtech Corporation SX1502EVK Datasheet HTML 6Page - Semtech Corporation SX1502EVK Datasheet HTML 7Page - Semtech Corporation SX1502EVK Datasheet HTML 8Page - Semtech Corporation SX1502EVK Datasheet HTML 9Page - Semtech Corporation SX1502EVK Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
WIRELESS & SENSING
Rev 11 – 16
th May 2012
www.semtech.com
6
SX1501/SX1502/SX1503
4/8/16 Channel Low Voltage GPIO
1.3
SX1503 16-channel GPIO
Pin
Symbol
Type
Description
1
GND
P
Ground Pin
2
I/O[2]
DIO
(*1)
I/O[2], at power-on configured as an input
3
I/O[3]
DIO
(*1)
I/O[3], at power-on configured as an input
4
VCC1
P
I/O supply voltage for Bank A I/O[0-7]
5
I/O[4]
DIO
(*1)
I/O[4], at power-on configured as an input
6
I/O[5]
DIO
(*1)
I/O[5], at power-on configured as an input
7
GND
P
Ground Pin
8
I/O[6]
DIO
(*1)
I/O[6], at power-on configured as an input
High sink I/O.
9
I/O[7]
DIO
(*1)
I/O[7], at power-on configured as an input
High sink I/O.
10
NINT
DO
Active low interrupt output
11
NC
-
Leave open, not connected
12
VDDM
P
Main supply voltage
13
I/O[8]
DIO
(*1)
I/O[8], at power-on configured as an input
14
I/O[9]
DIO
(*1)
I/O[9], at power-on configured as an input
15
GND
P
Ground Pin
16
I/O[10]
DIO
(*1)
I/O[10], at power-on configured as an input
17
I/O[11]
DIO
(*1)
I/O[11], at power-on configured as an input
18
VCC2
P
I/O supply voltage for Bank B I/O[8-15]
19
I/O[12]
DIO
(*1)
I/O[12], at power-on configured as an input
20
I/O[13]
DIO
(*1)
I/O[13], at power-on configured as an input
21
GND
P
Ground Pin
22
I/O[14]
DIO
(*1)
I/O[14], at power-on configured as an input
High sink I/O.
23
I/O[15]
DIO
(*1)
I/O[15], at power-on configured as an input
High sink I/O.
24
NRESET
DIO
Active low reset
25
SDA
DIO
I
2C serial data line
26
SCL
DI
I
2C serial clock line
27
I/O[0]
DIO
(*1)
I/O[0], at power-on configured as an input
28
I/O[1]
DIO
(*1)
I/O[1], at power-on configured as an input
A: Analog
D: Digital
I: Input
O: Output
P: Power
(*1) This pin is programmable through the I
2C interface
Table 3 – SX1503 Pin Description
Figure 3 – SX1503 QFN-UT-28 Pinout
21
20
19
18
17
16
15
GND
I/O[2]
I/O[3]
VCC1
I/O[4]
I/O[5]
GND
GND
I/O[13]
I/O[12]
VCC2
I/O[11]
I/O[10]
GND
TOP VIEW
GND
(PAD)
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com