Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECE072 Fiches technique(PDF) 2 Page - Laird Tech Smart Technology

No de pièce ECE072
Description  Cost-effective solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LSTD [Laird Tech Smart Technology]
Site Internet  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

ECE072 Fiches technique(HTML) 2 Page - Laird Tech Smart Technology

  ECE072 Datasheet HTML 1Page - Laird Tech Smart Technology ECE072 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
emi-Ds-ece072 1212
any information furnished by laird Technologies, inc. and its agents is believed to be accurate and reliable. all specifications are subject to change without notice. responsibility for the use and application of laird
Technologies materials rests with the end user. laird Technologies makes no warranties as to the fitness, merchantability, suitability or non-infringement of any laird Technologies materials or products for any specific
or general uses. laird Technologies shall not be liable for incidental or consequential damages of any kind. all laird Technologies products are sold pursuant to the laird Technologies’ Terms and conditions of sale
in effect from time to time, a copy of which will be furnished upon request. © copyright 2012 laird Technologies, inc. all rights reserved. laird, laird Technologies, the laird Technologies logo, and other marks are
trade marks or registered trade marks of laird Technologies, inc. or an affiliate company thereof. other product or service names may be the property of third parties. nothing herein provides a license under any laird
Technologies or any third party intellectual property rights.
mil-DTl-83528
ParT nUmBer
ParT nUmBer
Dimensions
a
B
raD
c
8866-0130
0.100 (2,5)
0.094 (2,4)
0.050 (1,3)
0.025 (0,6)
m83528/007X001
8866-0100
0.156 (4,0)
0.156 (4,0)
0.078 (2,0)
0.045 (1,1)
m83528/007X007
8866-0110
0.250 (6,4)
0.250 (6,4)
0.125 (3,2)
0.065 (1,7)
m83528/007X004
8866-0166
0.374 (9,5)
0.252 (6,4)
0.187 (4,8)
0.039 (1,0)
8866-0126
0.480 (12,2)
0.335 (8,5)
0.240 (6,1)
0.035 (0,9)
m83528/007X006
8866-0155
0.625 (15,9)
0.400 (10,2)
0.312 (7,9)
0.057 (1,4)
hollow D-Strips
mil-DTl-83528
ParT nUmBer
ParT nUmBer
Dimensions
recommenDeD GrooVe
Dimensions (±0.002)
a
B
raD
WiDTh
DePTh
mB83528/003X001
8865-0105
0.062 (1,6)
0.068 (1,7)
0.031 (0,8)
0.074 (1,9)
0.057 (1,4)
mB83528/003X007
8865-0130
0.122 (3,1)
0.135 (3,4)
0.061 (1,5)
0.141 (3,6)
0.113 (2,9)
mB83528/003X012
8865-0145
0.250 (6,4)
0.250 (6,4)
0.125 (3,2)
0.286 (7,3)
0.212 (5,4)
D-Strips
channel Strips
mil-DTl-83528
ParT nUmBer
ParT nUmBer
Dimensions
a
B
c
D
m83528/010X002
8868-0105
0.126 (3,2)
0.110 (2,8)
0.025 (0,6)
0.050 (1,3)
m83528/010X004
8868-0115
0.156 (4,0)
0.156 (4,0)
0.062 (1,6)
0.047 (1,2)
m83528/010X005
8868-0081
0.189 (4,8)
0.189 (4,8)
0.063 (1,6)
0.063 (1,6)
8868-0085
0.252 (6,4)
0.252 (6,4)
0.126 (3,2)
0.063 (1,6)
mil-DTl-85328
ParT nUmBer
ParT nUmBer
recommenDeD GrooVe Dimensions (±0.002)
a
WiDTh
heiGhT
8863-0184
0.032 (0,8)
0.036 (0,9)
0.026 (0,7)
m83528/001X003
8863-0110
0.062 (1,6)
0.066 (1,7)
0.050 (1,3)
m83528/001X009
8863-0145
0.125 (3,2)
0.133 (3,4)
0.100 (2,5)
m83528/001X013
8863-0202
0.374 (9,5)
0.400 (10,2)
0.300 (7,6)
o-Strips
o-Strip tubing
mil-DTl-85328
ParT nUmBer
ParT
nUmBer
nominal Dimensions
a
B
8864-0060
0.085 (2,2)
0.040 (1,0)
m83528/011X007
8864-0095
0.103 (2,6)
0.040 (1,0)
m83528/011X001
8864-0100
0.125 (3,2)
0.045 (1,1)
m83528/011X002
8864-0105
0.156 (4,0)
0.050 (1,3)
m83528/011X008
8864-0143
0.177 (4,5)
0.079 (2,0)
m83528/011X003
8864-0110
0.250 (6,4)
0.125 (3,2)
m83528/011X004
8864-0120
0.312 (7,9)
0.192 (4,9)
m83528/011X005
8864-0125
0.375 (9,5)
0.250 (6,4)
mil-DTl-85328
ParT nUmBer
ParT
nUmBer
nominal Dimensions
a
B
m83528/002X006
8861-0175
0.252 (6,4)
0.031 (0,8)
m83528/009X008
8861-0135
0.500 (12,7)
0.125 (3,2)
m83528/009X011
8861-0192
1.00 (25,4)
0.126 (3,2)
rectangular Strips
ECE072
Silicone Elastomer



Html Pages

1 2