| Moteur de recherche de fiches techniques de composants électroniques |
|
PI74FCT244TL Fiches technique(PDF) 1 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI74FCT244TL Fiches technique(HTML) 1 Page - Pericom Semiconductor Corporation |
|
1 / 7 page ![]() 1 PS2011C 09/22/04 Block Diagrams PI74FCT244/2244T PI74FCT541/2541T Description PericomSemiconductor’sPI74FCT244T/541T and P174FCT2244/ 2541T are 8-bit wide driver circuits, designed to be used in applications requiring high-speed and high-output drive. Ideal applications would include bus drivers, memory drivers, address drivers, and system clock drivers. The PI74FCT541 and 2541T provide similar driver capabilities, but have their pins physically grouped by function. All inputs are locatedon one sideof thepackage,whileoutputsareon theopposite side, allowing for a much simpler and denser board layout. All PI74FCT2XXX devices have a built-in 25Ω series resistor on all outputs to reduce noise because of reflections, thus eliminating the need for an external terminating resistor. Features • PI74FCT244/541T and PI74FCT2244/2541T are pin compatible with bipolar Fast Series at a higher speed and lower power consumption • 25Ω series resistor on all outputs (FCT2XXX only) • TTL input and output levels • Low ground bounce outputs • Extremely low static power • Hysteresis on all inputs • Industrial operating temperature range: –40°C to +85°C • Packaging (Pb-free & Green available): – 20-pin 173-mil wide plastic TSSOP (L) – 20-pin 209-mil wide plastic SSOP (H) – 20-pin 150-mil wide plastic QSOP (Q) – 20-pin 150-mil wide plastic TQSOP (R) – 20-pin 300-mil wide plastic SOIC (S) • Device models available upon request OEA DA0 OB0 OB1 DA1 OB2 DA2 OB3 DA3 OA0 DB0 OEB * OA1 DB1 OA2 DB2 OA3 DB3 *OEB for 244T, OEA D0 O0 OEB D1 O1 D2 O2 D3 O3 D4 D5 O5 D6 O6 D7 O7 O4 Fast CMOS Octal Buffer/Line Drivers PI74FCT244T/2244T PI74FCT541T/2541T |
Numéro de pièce similaire - PI74FCT244TL |
|
Description similaire - PI74FCT244TL |