Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI5C3383S Fiches technique(PDF) 4 Page - Pericom Semiconductor Corporation

No de pièce PI5C3383S
Description  5-Bit, 4-Port Bus Exchange Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3383S Fiches technique(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5C3383S Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3383S Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3383S Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3383S Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3383S Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PI5C3383
5-Bit, 4-Port Bus Exchange Switch
4
PS7028G
12/10/04
Packaging Mechanical: 24-Pin TSSOP (L)
.303
.311
.047
1.20
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.004
.008
.252
BSC
1
24
.169
.177
0.05
0.15
6.4
0.45
0.75
0.09
0.20
4.3
4.5
7.7
7.9
0.65
0.19
0.30
.007
.012
Max
Packaging Mechanical: 24-Pin QSOP (Q)
.337
.344
.053
.069
.004
.010
SEATING
PLANE
.025
typical
.007
.010
.228
.244
1
24
.150
.157
.016
.050
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.635
8.56
8.74
1.35
1.75
5.79
6.20
0.406
1.27
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
.033
0.84
0.38
.015 x 45˚
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33



Html Pages

1 2 3 4 5