Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCTK75-6 Fiches technique(PDF) 2 Page - Advanced Crystal Technology

No de pièce TCTK75-6
Description  LOW POWER HCMOS 1/60Hz ~ 32.768kHz TCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TCTK75-6 Fiches technique(HTML) 2 Page - Advanced Crystal Technology

  TCTK75-6 Datasheet HTML 1Page - Advanced Crystal Technology TCTK75-6 Datasheet HTML 2Page - Advanced Crystal Technology TCTK75-6 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel
0044(0)118 979 1238
Fax:
0044(0)118 979 1283
email:
info@act crystals.com
Fig 2
Compensation period (Temperature measurement interval) For the lowest power consumption use the longest
interval (4 min). During the temperature measurement the power consumption increases (Fig 3)
Fig 3
Schematic
Application note (RTC)
Issue No.
Date:
ISO9001 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY
4 M6
16/10/2013
ACT TCTK75-6 LOW POWER HCMOS 1/60Hz~32.768kHz TCXO



Html Pages

1 2 3