| Moteur de recherche de fiches techniques de composants électroniques |
|
PCU11005 Fiches technique(PDF) 21 Page - Red Lion Controls. Inc |
|
|
|||||||||||||||||||||||||||||
PCU11005 Fiches technique(HTML) 21 Page - Red Lion Controls. Inc |
|
21 / 96 page ![]() REMOTE AND LOCAL SETPOINT OPERATION The controller setpoint mode can be switched between Local Setpoint operation and Remote Setpoint operation. In the Hidden Function Mode, the “SPSL” parameter allows the operator to select the desired setpoint operating mode. To allow front panel switching between setpoint modes, program the setpoint select parameter (SPSL) to “Enbl” in the Lockout Module. The user input or RS485 serial interface option may also be used to perform the setpoint selection function, independent of the setting in the Lockout Module. Front panel annunciator REM is on for Remote setpoint operation and is off for Local setpoint operation. When transferring the controller mode from/to the setpoint modes, various controller response options are available (see SPtr parameter, page 37). -13- |