| Moteur de recherche de fiches techniques de composants électroniques |
|
ACPL-K30T Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-K30T Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 10 page ![]() 2 Typical Application Circuit Ordering Information Part number Option (RoHS Compliant) Package Surface Mount Tape & Reel UL 5000 VRMS/ 1 Minute rating IEC/EN/DIN EN 60747-5-5 Quantity ACPL-K30T -000E Stretched SO-8 X X 80 per tube -060E X X X 80 per tube -500E X X X 1000 per reel -560E X X X X 1000 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-K30T-560E: to order product of SSO-8 Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747-5-5 Safety Approval in RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Pin Description Pin No. Pin Name Description 2 AN Anode 3 CA Cathode 5 VO+ Positive Output 7 VO - Negative Output 1, 4, 6, 8 NC Not Connected Package Pinout Figure 2. Application Circuit 8 7 6 5 1 2 3 4 AN CA NC NC NC NC Vo– Vo+ 8 7 6 5 1 2 3 4 IF GND VS RLED |