Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMC/P3ETNC Fiches technique(PDF) 5 Page - Pulse A Technitrol Company

No de pièce MMC/P3ETNC
Description  700/800/900/1850 mhz coils/whips
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PULSE [Pulse A Technitrol Company]
Site Internet  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

MMC/P3ETNC Fiches technique(HTML) 5 Page - Pulse A Technitrol Company

  MMC/P3ETNC Datasheet HTML 1Page - Pulse A Technitrol Company MMC/P3ETNC Datasheet HTML 2Page - Pulse A Technitrol Company MMC/P3ETNC Datasheet HTML 3Page - Pulse A Technitrol Company MMC/P3ETNC Datasheet HTML 4Page - Pulse A Technitrol Company MMC/P3ETNC Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
26
www.pulseelectronics.com/products/antennas
700/800/900/1850 MHz
NOTE: Antennas are not to scale
700/800/900/1850 mhz sTeAlTh BlAdes
Stealth Blade antennas have the following specifications:
Gain:
2.14 dBi
Maximum Power: 3 Watts
Polarization:
Linear
Frequency
Bandwidth
dimensions
model
(mhz)
% @1.5/2.1
l x w (in)
coax
connector
SB8003
806-896
67/90
5.2 x .75
3’ RG-174
No Conn
SB80012
806-896
67/90
5.2 x .75
12’ RG-174
No Conn
SB800FME3
806-896
67/90
5.2 x .75
3’ RG-174
FME
SB800FME12
806-896
67/90
5.2 x .75
12’ RG-174
FME
SB800MPL3
806-896
67/90
5.2 x .75
3’ RG-174
MPL
SB800MPL12
806-896
67/90
5.2 x .75
12’ RG-174
MPL
SB800SMA3
806-896
67/90
5.2 x .75
3’ RG-174
SMA
SB800TNC3
806-896
67/90
5.2 x .75
3’ RG-174
TNC
SB800TNC12
806-896
67/90
5.2 x .75
12’ RG-174
TNC
SB9003
890-960
67/90
5.2 x .75
3’ RG-174
No Conn
SB90012
890-960
55/70
5.2 x .75
12’ RG-174
No Conn
SB900SMA3
890-960
55/70
5.2 x .75
3’ RG-174
SMA
SB900SMA12
890-960
55/70
5.2 x .75
12’ RG-174
SMA
R380.900.323
806-960 / 1710-2170
5 X .8
10’ RG-174
FME
R380.900.334
806-960 / 1710-2170
5 X .8
10’ RG-174
SMA
SB900
SB800
R380



Html Pages

1 2 3 4 5