| Moteur de recherche de fiches techniques de composants électroniques |
|
LM9702 Fiches technique(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM9702 Fiches technique(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 4 page ![]() 3 www.national.com Related Products Item Description Part Number Development Kit LM9702 digital image processor camera development kit. This kit includes the above mentioned camera base board, a power supply board, status LCD board, power adapter, windows application software SNAPS DEV. LM9702DEV-KIT Camera Board LM9702/04 digital image processor camera base board. LM9702CAMBOARD LM9704CAMBOARD Software Devlopment Kit This kit includes CR16C software development tools, National’s Camera Operating System (NCOS) & an iTAG emulator. CR16-IM02-00 Compact- Flash Adaptor This is a small 16 bit CompactFlash adaptor board that can be attached to the LM9702CamBoard/LM9704CamBoard allowing CompactFlash cards to be connected to the main system memory bus LM97COMPACFLASH SD/MMC Adaptor This is a small SD/MMC adaptor board that can be attached to the LM9702CamBoard/LM9704CamBoard allowing SD and MMC cards to be connected to the LM9702/LM9704 digital image processor LM97SDCARD Head Boards VGA color sensor LM9627 VGA monochrome sensor LM9617 VGA color sensor LM9628 VGA monochrome sensor LM9618 128x100 monochrome sensor LM9630 VGA monochrome sensor LM9637 VGA color sensor LM9647 SXGA monochrome sensor LM9638 SXGA color sensor LM9648 LM9627HEADBOARD LM9617HEADBOARD LM9628HEADBOARD LM9618HEADBOARD LM9630HEADBOARD LM9637HEADBOARD LM9647HEADBOARD LM9638HEADBOARD LM9648HEADBOARD Lens Kits 1/3” lens kit for the LM9627, LM9617, LM9628 or LM9618 1/5” lens kit for the LM9630 1/4” lens kit for the LM9647, LM9637 1/2” lens kit for the LM9648, LM9638 LM96-1/3LENSKIT LM96-1/5LENSKIT LM96-1/4LENSKIT LM96-1/2LENSKIT |