| Moteur de recherche de fiches techniques de composants électroniques |
|
WS3413S8P Fiches technique(PDF) 6 Page - Shenzhen Winsemi Microelectronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
WS3413S8P Fiches technique(HTML) 6 Page - Shenzhen Winsemi Microelectronics Co., Ltd |
|
6 / 9 page ![]() www.winsemi.comTel : +86-755-8250 6288 Fax : +86-755-8250 6299 6/9 WS3413 ProductDescription WINSEMI MICROELECTRONICS WINSEMI MICROELECTRONICS WINSEMI MICROELECTRONICS WINSEMI MICROELECTRONICS WINSEMI MICROELECTRONICS Bypass Capacitor The bypass capacitor on VCC pin should be as close as possible to the VCC and GND pins. Ground Path The power ground path for current sense resistor should be short and wide, and it should be as close as possible to the IC ground (pin 2), otherwise the LED output current accuracy maybe affected. The IC signal ground for COMP and FB components should be connected to the IC GND pin with short traces and should be away from the power ground path. The Area of Power Loop The area of main current loop should be as small as possible to reduce EMI radiation. FB Pin The feedback resistor divider should be as close as possible to the FB pin, and the trace must keeps away from dynamic node of the inductor (DRAIN pin trace、the positive pin and the negative pin of Vo trace), otherwise the FB pin OVP function might have risk to be mis-triggered by the system noise. DRAIN Pin To increase the copper area of DRAIN pin for better thermal dissipation. However, too large copper area may compromise EMI performance. The material of PCB Avoid choosing the material that is easy to absorb the moisture, just like paper copper-clad laminates. |