Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8045ACPZ-R2 Fiches technique(PDF) 18 Page - Analog Devices

No de pièce AD8045ACPZ-R2
Description  3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8045ACPZ-R2 Fiches technique(HTML) 18 Page - Analog Devices

Back Button AD8045ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
AD8045
Data Sheet
Rev. B | Page 16 of 24
CIRCUIT CONFIGURATIONS
WIDEBAND OPERATION
Figure 61 and Figure 62 show the recommended circuit
configurations for noninverting and inverting amplifiers. In
unity-gain (G = +1) applications, RS helps to reduce high
frequency peaking. It is not needed for any other configurations.
For more information on layout, see the Printed Circuit Board
Layout section.
The resistor at the output of the amplifier, labeled RSNUB, is
used only when driving large capacitive loads. Using RSNUB
improves stability and minimizes ringing at the output. For
more information, see the Driving Capacitive Loads section.
AD8045
RG
RF
RS
RSNUB
VIN
VOUT
+VS
+
10
µF
0.1
µF
–VS
+
10
µF
0.1
µF
Figure 61. Noninverting Configuration
AD8045
RG
RF
R = RG||RF
VIN
+VS
+
10
µF
0.1
µF
–VS
+
10
µF
0.1
µF
RSNUB
VOUT
Figure 62. Inverting Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26