| Moteur de recherche de fiches techniques de composants électroniques |
|
DASLTENF Fiches technique(PDF) 1 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
DASLTENF Fiches technique(HTML) 1 Page - Pulse A Technitrol Company |
|
1 / 4 page ![]() L157.C (10/13) 1 pulseelectronics.com/products/antennas PIMinator™ Series Low PIM In-building Omni Antenna with NF Connector Pulse Part Number DASLTENF San Diego, CA 858 674 8100 Vancouver, WA 360 944 7551 Europe 49 7032 7806 0 Asia 86 755 33966678 North Asia 886 3 4356768 China 86 512 6807 9998 Industry leading -155 dBc certified low Passive Inter- Modulation (PIM) Distributed Antenna System (DAS) In-Building ceiling mount omni antennas. The Pulse Electronics line of DAS in-building low PIM omni antennas meet the most demanding PIM requirements for 2G, 3G, and LTE/4G bands. These low PIM antennas help meet increasing demand for high data rates and streaming video for mobile devices. The wide band design meets the needs of operators around the world. Features - Industry leading -155 dBc PIM rating - Covers cellular bands, WiFi and WiMAX from 698 through 5900MHz - Aesthetically pleasing injection molded radome - PIM certified - RoHS compliant product - Patent pending Applications - In-Building DAS systems requiring best PIM performance Confidential and Proprietary — Pulse Electronics — All Rights Reserved — 2013 This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws. Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or use without specific written authorization of Pulse is strictly forbidden. |
Numéro de pièce similaire - DASLTENF |
|
Description similaire - DASLTENF |