| Moteur de recherche de fiches techniques de composants électroniques |
|
THC63LVDR84C Fiches technique(PDF) 13 Page - THine Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
THC63LVDR84C Fiches technique(HTML) 13 Page - THine Electronics, Inc. |
|
13 / 16 page ![]() THC63LVDR84C_Rev.1.20_E Copyright©2016 THine Electronics, Inc. 12 THine Electronics, Inc. Security E Notes 1) Cable Connection and Disconnection Do not connect and disconnect the LVDS cable, when the power is supplied to the system. 2) GND Connection Connect each GND of the PCB which LVDS-Tx and THC63LVDR84C on it. It is better for EMI reduction to place GND cable as close to LVDS cable as possible. 3) Multi Drop Connection Multi drop connection is not recommended. THC63LVDR84C LVDS-Tx THC63LVDR84C RCLK+ RCLK- Figure 13. Multi Drop Connection 4) Asynchronous use Asynchronous using such as following systems is not recommended. THC63LVDR84C THC63LVDR84C LVDS-Tx LVDS-Tx IC CLKOUT CLKOUT DATA DATA IC RCLK+ RCLK- RCLK+ RCLK- CLKOUT DATA DATA THC63LVDR84C THC63LVDR84C IC RCLK+ RCLK- RCLK+ RCLK- CLKOUT DATA DATA IC Figure 14. Asynchronous Use |