Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM9074 Fiches technique(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM9074
Description  System Voltage Regulator with Keep-Alive ON/OFF
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9074 Fiches technique(HTML) 7 Page - National Semiconductor (TI)

  LM9074 Datasheet HTML 1Page - National Semiconductor (TI) LM9074 Datasheet HTML 2Page - National Semiconductor (TI) LM9074 Datasheet HTML 3Page - National Semiconductor (TI) LM9074 Datasheet HTML 4Page - National Semiconductor (TI) LM9074 Datasheet HTML 5Page - National Semiconductor (TI) LM9074 Datasheet HTML 6Page - National Semiconductor (TI) LM9074 Datasheet HTML 7Page - National Semiconductor (TI) LM9074 Datasheet HTML 8Page - National Semiconductor (TI) LM9074 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Application Information (Continued)
MICROPROCESSOR SYSTEM REGULATOR WITH
KEEP-ALIVE INTERVAL AT TURN-OFF
The following circuit illustrates a system application utilizing
both of the logic control inputs of the LM9074. Closing the
ON/OFF switch powers ON the system. Once powered, the
system controller sets the Keep-Alive line low. The NPN
transistor is used only to signal the controller that the ON/
OFF switch has been opened and the system is to be turned
OFF. Upon detecting this high level at the ON/OFF Sense in-
put line, the controller can then perform a power down rou-
tine. The system will remain fully powered until the controller
commands total shut down by taking the Keep-Alive line
high. The system then shuts OFF and reverts to a very low
current drain standby condition until switched back on.
DS101305-26
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9