| Moteur de recherche de fiches techniques de composants électroniques |
|
IRFS4310 Fiches technique(PDF) 9 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFS4310 Fiches technique(HTML) 9 Page - International Rectifier |
|
9 / 11 page ![]() IRF/B/S/SL4310 www.irf.com 9 TO-262 Package Outline (Dimensions are shown in millimeters (inches)) TO-262 Part Marking Information ASSEMBLY LOT CODE RECTIFIER INTERNATIONAL ASSEMBLED ON WW 19, 1997 Note: "P" in assembly line position indicates "Lead-Free" IN THE ASSEMBLY LINE "C" LOGO THIS IS AN IRL3103L LOT CODE 1789 EXAMPLE: LINE C DATE CODE WEEK 19 YEAR 7 = 1997 PART NUMBER PART NUMBER LOGO LOT CODE ASSEMBLY INTERNATIONAL RECTIFIER PRODUCT (OPTIONAL) P = DESIGNATES LEAD-FREE A = ASSEMBLY SITE CODE WEEK 19 YEAR 7 = 1997 DATE CODE OR IGBT 1- GATE 2- COLLECTOR 3- EMITTER 4- COLLECTOR |