Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP2002 Fiches technique(PDF) 11 Page - International Rectifier

No de pièce IP2002
Description  Synchronous Buck Synchronous Buck Integrated Power Semiconductors, Drivers & Passives
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IP2002 Fiches technique(HTML) 11 Page - International Rectifier

Back Button IP2002 Datasheet HTML 4Page - International Rectifier IP2002 Datasheet HTML 5Page - International Rectifier IP2002 Datasheet HTML 6Page - International Rectifier IP2002 Datasheet HTML 7Page - International Rectifier IP2002 Datasheet HTML 8Page - International Rectifier IP2002 Datasheet HTML 9Page - International Rectifier IP2002 Datasheet HTML 10Page - International Rectifier IP2002 Datasheet HTML 11Page - International Rectifier IP2002 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.irf.com
11
iP2002
Mechanical Drawing
0.15 [.006] C
0.12 [.005] C
2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
3. CONTROLLING DIMENSION: MILLIMETER
1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994.
NOTES:
B
A
0.15 [.006] C
4X
22X
0.15 [.006]
C A B
0.08 [.003]
C
133X Ø
0.55 [.0216]
0.45 [.0178]
2X
2X
TOP VIEW
BOTTOM VIEW
SIDE VIEW
C
PACKAGE BODY.
BALL DIAMETER, IN A PLANE PARALLEL TO DATUM C.
SPHERICAL CROWNS OF THE SOLDER BALLS.
4. SOLDER BALL POSITION DESIGNATION PER JESD 95-1, SPP-010.
7 SOLDER BALL DIAMETER IS MEASURED AT THE MAXIMUM SOLDER
5 PRIMARY DATUM C (SEATING PLANE) IS DEFINED BY THE
6 BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE
7
5
6
6
BALL A1
CORNER ID
11.00
[.433]
0.40
[.016]
0.80
[.032]
11.00
[.433]
2.76 [.1087]
2.46 [.0969]
2.31 [.0909]
2.11 [.0831]
(4X 1.1 [.043])
0.45 [.0177]
0.35 [.0138]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12