Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS1084 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce GS1084
Description  5A Low Dropout Positive Adjustable Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1084 Fiches technique(HTML) 1 Page - Vishay Siliconix

  GS1084 Datasheet HTML 1Page - Vishay Siliconix GS1084 Datasheet HTML 2Page - Vishay Siliconix GS1084 Datasheet HTML 3Page - Vishay Siliconix GS1084 Datasheet HTML 4Page - Vishay Siliconix GS1084 Datasheet HTML 5Page - Vishay Siliconix GS1084 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description
The GS1084 is a low dropout three terminal regulator with
5A output current capability. The output voltage is
adjustable with the use of a resistor divider. For fixed output
voltage versions, the output voltage is internally set at
1.8V, 2.5V, or 3.3V. Dropout is guaranteed at a maximum
of 1.4V at maximum output current. Its low dropout voltage
and fast transient response make it ideal for low voltage
microprocessor applications. Internal current and thermal
limiting provides protection against any overload condition
that would create excessive junction temperatures.
Applications
• Post Regulator for Switching Supply
• Microprocessor Power Supplies
• Constant-Current Regulators
• Motherboard I/O Power Supplies
Mechanical Data
Case: TO-220AB, TO-263AB (D2PAK),
TO-252 (DPAK)
High temperature soldering guaranteed:
260°C/10 seconds at terminals
Case outlines are on the back page
+
+
--
For
fixed
voltage
device
Thermal
Limit
Current
Amp
Current
Limit
GM
VOUT
VIN
ADJ
GND
VREF
1.25V
55
µA
Functional Block Diagram
Features
• Dropout Voltage 1.3V at 5A Output Current
• Fast Transient Response
• Line Regulation typically at 0.015%
• Load Regulation typically at 0.1%
• Internal thermal and current limiting
• Adjustable Output Voltage or Fixed 1.8V, 2.5V, 3.3V
• Standard 3-Pin Power Packages
TO-220AB
TO-263AB
(D2Pak)
GS1084CT
GS1084CM
GS1084CE
TO-252
(DPak)
1
2
3
1
2
3
1
2
3
Pin Definition
1. Adjust/Gnd.
2. Vout (tab)
3. Vin
GS1084
Vishay
formerly General Semiconductor
Document Number 74800
www.vishay.com
26-Mar-02
1
New Product
5A Low Dropout Positive Adjustable Regulator


Numéro de pièce similaire - GS1084

FabricantNo de pièceFiches techniqueDescription
logo
Globaltech Semiconducto...
GS1084L GLOBALTECH-GS1084L Datasheet
901Kb / 10P
5A Low Dropout Voltage Regulator
Version_2.0
GS1084LD GLOBALTECH-GS1084LD Datasheet
901Kb / 10P
5A Low Dropout Voltage Regulator
Version_2.0
GS1084LD15F GLOBALTECH-GS1084LD15F Datasheet
901Kb / 10P
5A Low Dropout Voltage Regulator
Version_2.0
GS1084LD18F GLOBALTECH-GS1084LD18F Datasheet
901Kb / 10P
5A Low Dropout Voltage Regulator
Version_2.0
GS1084LD25F GLOBALTECH-GS1084LD25F Datasheet
901Kb / 10P
5A Low Dropout Voltage Regulator
Version_2.0
More results

Description similaire - GS1084

FabricantNo de pièceFiches techniqueDescription
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.0 Aug.27, 2004
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
5A Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084_10 Datasheet
155Kb / 11P
5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
logo
Linear Technology
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
5A Low Dropout Positive Adjustable Regulator
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
5A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com