| Moteur de recherche de fiches techniques de composants électroniques |
|
LM86CIM Fiches technique(PDF) 12 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM86CIM Fiches technique(HTML) 12 Page - National Semiconductor (TI) |
|
12 / 21 page ![]() 1.0 Functional Description (Continued) D2 D1 Filter 0 0 No Filter 0 1 Level 1 1 0 Level 1 1 1 Level 2 Level 2 sets maximum filtering. Figure 8 depict the filter output to in response to a step input and an impulse input. Figure 9 depicts the digital filter in use in a Pentium 4 processor system. Note that the two curves, with filter and without, have been purposely offset so that both responses can be clearly seen. Inserting the filter does not induce an offset as shown. 10130325 a)Step Response 10130326 b)Impulse Response FIGURE 8. Filter Output Response to a Step Input 10130327 FIGURE 9. Digital Filter Response in a Pentium 4 processor System. The filter on and off curves were purposely offset to better show noise performance. www.national.com 12 |