| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8619WARZ-R7 Fiches technique(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8619WARZ-R7 Fiches technique(HTML) 16 Page - Analog Devices |
|
16 / 16 page ![]() AD8613/AD8617/AD8619 Data Sheet Rev. H | Page 16 of 16 AUTOMOTIVE PRODUCTS The AD8617W and AD8619W models are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for these models. ©2005–2016 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D05622-0-5/16(H) |