Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA4853-3YRUZ-R7 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADA4853-3YRUZ-R7
Description  Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADA4853-3YRUZ-R7 Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADA4853-3YRUZ-R7 Datasheet HTML 3Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 4Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 5Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 6Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 7Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 8Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 9Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 10Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADA4853-1/ADA4853-2/ADA4853-3
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
5.5 V
Power Dissipation
See Figure 6
Common-Mode Input Voltage
−VS − 0.2 V to +VS − 1.2 V
Differential Input Voltage
±VS
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
6-Lead SC70
−40°C to +85°C
16-Lead LFCSP_WQ
−40°C to +105°C
14-Lead TSSOP
−40°C to +105°C
Lead Temperature
JEDEC J-STD-20
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for the device soldered in the circuit board for
surface-mount packages.
Table 4.
Package Type
θJA
Unit
6-Lead SC70
430
°C/W
16-Lead LFCSP_WQ
63
°C/W
14-Lead TSSOP
120
°C/W
Maximum Power Dissipation
The maximum safe power dissipation for the ADA4853-1/
ADA4853-2
/ADA4853-3 is limited by the associated rise in
junction temperature (TJ) on the die. At approximately 150°C,
which is the glass transition temperature, the plastic changes its
properties. Even temporarily exceeding this temperature limit
can change the stresses that the package exerts on the die,
permanently shifting the parametric performance of the
amplifiers. Exceeding a junction temperature of 150°C for an
extended period can result in changes in silicon devices,
potentially causing degradation or loss of functionality.
The power dissipated in the package (PD) for a sine wave and a
resistor load is the total power consumed from the supply
minus the load power.
PD = Total Power Consumed − Load Power
(
)
L
OUT
CURRENT
SUPPLY
VOLTAGE
SUPPLY
D
R
V
I
V
P
2
×
=
RMS output voltages should be considered.
Airflow increases heat dissipation, effectively reducing θJA.
In addition, more metal directly in contact with the package
leads and through holes under the device reduces θJA.
Figure 6 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 6-lead SC70
(430°C/W), the 14-lead TSSOP (120°C/W), and the 16-lead
LFCSP_WQ (63°C/W) on a JEDEC standard 4-layer board. θJA
values are approximations.
3.0
0
125
105
85
65
45
25
5
–15
–35
–55
AMBIENT TEMPERATURE (°C)
2.5
2.0
1.5
1.0
0.5
SC70
TSSOP
LFCSP
Figure 6. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION
Rev. G | Page 7 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com