| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8661ACPZ-R2 Fiches technique(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8661ACPZ-R2 Fiches technique(HTML) 6 Page - Analog Devices |
|
6 / 16 page ![]() AD8661/AD8662/AD8664 Data Sheet Rev. E | Page 6 of 16 AD8661 ELECTRICAL CHARACTERISTICS—LFCSP ONLY VS = 16.0 V, VCM = VS/2, TA = 25°C, unless otherwise noted. Table 4. Parameter Symbol Test Conditions/Comments Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage V OS V CM = VS/2 50 300 µV −40°C < T A < +85°C 2000 µV Input Bias Current I B 0.3 1 pA −40°C < T A < +85°C 50 pA Input Offset Current I OS 0.2 0.5 pA −40°C < T A < +85°C 20 pA Input Voltage Range −0.1 +14.0 V Common-Mode Rejection Ratio CMRR V CM = −0.1 V to +14.0 V 90 110 dB −40°C < T A < +85°C 90 110 dB Large Signal Voltage Gain A VO R L = 2 kΩ, VO = 0.5 V to 15.5 V 200 420 V/mV Offset Voltage Drift TCV OS −40°C < T A < +85°C 4 17 µV/°C OUTPUT CHARACTERISTICS Output Voltage High V OH I L = 1 mA 15.95 15.97 V I L = 10 mA 15.60 15.70 V −40°C < T A < +85°C 15.50 V Output Voltage Low V OL I L = 1 mA 24 50 mV I L = 10 mA 210 350 mV −40°C < T A < +85°C 400 mV Short-Circuit Current I SC ±140 mA Closed-Loop Output Impedance Z OUT f = 1 MHz, A V = 1 45 Ω POWER SUPPLY Power Supply Rejection Ratio PSRR V S = 5 V to 16 V 95 110 dB −40°C < T A < +85°C 95 115 dB Supply Current per Amplifier I SY V O = VS/2 1.25 1.55 mA −40°C < T A < +85°C 1.9 mA DYNAMIC PERFORMANCE Slew Rate SR R L = 2 kΩ 3.5 V/µs Gain Bandwidth Product GBP 4 MHz Phase Margin Φ O 65 Degrees NOISE PERFORMANCE Peak-to-Peak Noise e n p-p f = 0.1 Hz to 10 Hz 2.5 µV p-p Voltage Noise Density e n f = 1 kHz 12 nV/√Hz f = 10 kHz 10 nV/√Hz Current Noise Density i n f = 1 kHz 0.1 pA/√Hz |