| Moteur de recherche de fiches techniques de composants électroniques |
|
LM84 Fiches technique(PDF) 13 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM84 Fiches technique(HTML) 13 Page - National Semiconductor (TI) |
|
13 / 16 page ![]() 1.0 Functional Description (Continued) 1.8.6 LOCAL AND REMOTE T_CRIT REGISTERS (Read/Write): D7 D6 D5 D4 D3 D2 D1 D0 MSB Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 LSB D7–D0: RT_CRIT and LT_CRIT setpoint temperature data. Power up default is LT_CRIT = RT_CRIT = 127˚C. 2.0 SMBus Timing Diagrams DS100961-10 (a) Serial Bus Write to the internal Command Register followed by a the Data Byte DS100961-11 (b) Serial Bus Write to the internal Command Register DS100961-12 (c) Serial Bus Read from a Register with the internal Command Register preset to desired value. FIGURE 4. Serial Bus Timing Diagrams www.national.com 13 |