| Moteur de recherche de fiches techniques de composants électroniques |
|
55PC Fiches technique(PDF) 2 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
55PC Fiches technique(HTML) 2 Page - TE Connectivity Ltd |
|
2 / 18 page ![]() Page 2 of 18 SPECIFICATION 55PC, ISSUE 8 NOTE: ANY PRINTED COPY OF THIS DOCUMENT IS AN UNCONTROLLED COPY. © 2008-2015 Tyco Electronics Corporation. All rights reserved. 1.3 STANDARD INSULATION AND JACKET COLORS Unless otherwise specified, finished wire and cable products shall be supplied with the following colors: 1.3.1 Finished Wire, Cable Jackets, and Single-Conductor Cable Finished wire, cable jackets, and the component wire of single-conductor cable shall be white in accordance with MIL-STD-104, Class 1 limits. 1.3.2 Multiconductor Cable (Two or More Components) The insulation color for component wires of multiconductor cable shall be as follows: Wire No. Color Wire No. Color 1 Red 6 Violet 2 Blue 7 Orange 3 Yellow 8 Brown 4 Green 9 Pink 5 Black 2. MANUFACTURING PROCESS FLOW This section defines and outlines the essential processes, and their relationships, used in the manufacture of the wire and cable described herein. Table 1 identifies the manufacturing process steps used for the basic product constructions offered under this specification. Table 2 identifies the product characteristics that are established and/or subsequently verified at these process steps (subsequent X's in the same row for a particular characteristic(s) indicate steps that have the potential to modify the initially established characteristic, thus the characteristic is rechecked). Process Step Definitions: EXTR. - The process of extruding layers of insulation on a conductor, or a jacket on a cable. BEAM - The process of radiation crosslinking the insulation or jacket. PID - Product Identification (marking or striping). CABLE - Twisting two or more wires or components together. BRAID - Application of a braided or spiral metallic shield. SPOOL - Packaging of wire or cable on final shipping spools, or in-process spooling for subsequent operations. |