| Moteur de recherche de fiches techniques de composants électroniques |
|
0809052000 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
0809052000 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 164 page ![]() www.Rose-Bopla.com 4 Secondary Services IRRIDITING/ CHROMATING/ ANODIZING RFI/EMC SHIELDING PAINTING POWDER/COATING SCREEN PRINTING ENGRAVING For greater chemical resistance to corrosion in aluminum housings, consider using a chemical treatment process like irriditing, chromating, or anodizing. Subsequent priming and painting give lasting protection from corrosive attacks. Anodizing is available in black, or clear as standard. RFI spray on plastic and fiberglass housings offers protection for your design against adverse interference or radiation. We can also install RFI gaskets, on request. We routinely paint to customer requirements in smooth or textured finishes, using Federal Standard 595A colors, RAL colors, or other special colors. Using the screen print process, we are able to print your data on all housings and front plates. Silk-screen inks are available in several colors and are resistant to most solvents. Rose +Bopla creates screens in-house and can provide artwork services, if required. Rose +Bopla offers engraving services using any alphabet or outline. Engraving is performed in-house by computer controlled machines. |