Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0809052000 Fiches technique(PDF) 156 Page - List of Unclassifed Manufacturers

No de pièce 0809052000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

0809052000 Fiches technique(HTML) 156 Page - List of Unclassifed Manufacturers

Back Button 0809052000 Datasheet HTML 152Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 153Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 154Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 155Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 156Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 157Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 158Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 159Page - List of Unclassifed Manufacturers 0809052000 Datasheet HTML 160Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 164 page
background image
www.Rose-Bopla.com
154
Tolerances
Aluminum
The tolerances for the nominal dimensions (see table 1) depend on the following ratios:
- diameter of the minimum circumscribing circle du divided by the minimum wall thickness smin.
- maximum wall thickness smax divided by the minimum wall thickness smin.
over
-
10
15
30
45
60
90
120
150
180
240
up to
10
15
30
45
60
90
120
150
180
240
300
Range
of dimensions
up to 6 : 1
over 6 : 1
Tolerances for a
ratio of du : smin
up to 40 : 1
over 40 : 1
and a ratio of
smax : smin
±0.15
±0.20
±0.25
±0.30
±0.40
±0.45
±0.60
±0.70
±0.90
±1.10
±1.40
±0.80
±1.00
±1.20
±1.50
Table 2
Tolerances for the wall thickness of full profiles
Range of dimensions
Tolerances for
wall thickness
over
-
1.5
3
6
10
15
20
30
up to
1.5
3
6
10
15
20
30
40
Table 3
Tolerances for the wall thickness of hollow profiles
over
-
1.5
2
3
6
9
12
15
up to
1.5
2
3
6
9
12
15
20
to 75
±0.20
±0.20
±0.25
±0.35
±0.50
±0.60
±0.70
-
over 75
to 130
±0.25
±0.25
±0.30
±0.40
±0.55
±0.70
±0.80
±1.00
over 130
to 250
-
±0.30
±0.35
±0.50
±0.70
±0.85
±1.00
±1.20
over 250
to 300
-
-
±0.45
±0.60
±0.80
±0.95
±1.10
±1.30
Range of
dimensions
Tolerances for the wall thicknesses
with a circumscribing circle d
u
*Important: We assume no liability for quoted standards!
TOLERANCES FOR
ALUMINUM PROFILES
ACCORDING TO
DIN EN 12020-2*
Table 1
Tolerances for linear measurements
ABPH 800 (Full Profile)
ABP 800 (Hollow Profile)
±0.15
±0.20
±0.25
±0.30
±0.40
±0.50
±0.60
±0.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More