| Moteur de recherche de fiches techniques de composants électroniques |
|
0809052000 Fiches technique(PDF) 101 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
0809052000 Fiches technique(HTML) 101 Page - List of Unclassifed Manufacturers |
|
101 / 164 page ![]() Model Number Part Number Black Part Number Agate Gray Dimensions mm Display Opening Ingress Protection DIN EN 60529 L x W x H For Secondary Services, Product Support, or To Order, Call 1-301-696-9800 99 BOS 400 BOS 400 ASC BOS 401 BOS 401 ASC BOS 500 BOS 501 BOS 502 BOS 503 BOS 600 BOS 601 BOS 602 BOS 700 BOS 701 BOS 704 BOS 705 BOS 750 BOS 751 BOS 752 BOS 753 BOS 754 BOS 755 BOS 756 BOS 757 BOS 758 BOS 759 BOS 760 BOS 761 BOS 800 BOS 801 BOS 802 BOS 803 BOS 804 BOS 805 BOS 807 BOS 808 BOS 900 BOS 901 BOS 902 BOS 903 BOS 910 BOS 911 BOS 912 BOS 913 100 x 65 x 24 100 x 65 x 24 100 x 65 x 24 100 x 65 x 24 120 x 60 x 25 120 x 60 x 25 120 x 60 x 25 120 x 60 x 25 172 x 77 x 25 172 x 77 x 25 172 x 77 x 25 150 x 80 x 30 150 x 80 x 30 150 x 80 x 30 150 x 80 x 30 157 x 84 x 30 157 x 84 x 30 157 x 84 x 30 157 x 84 x 30 157 x 84 x 30 157 x 84 x 30 157 x 84 x 30 157 x 84 x 30 157 x 84 x 30 157 x 84 x 30 157 x 84 x 30 157 x 84 x 30 196 x 100 x 40 196 x 100 x 40 196 x 100 x 40 196 x 100 x 40 196 x 100 x 40 196 x 100 x 40 196 x 100 x 40 196 x 100 x 40 211 x 100 x 26 211 x 100 x 26 211 x 100 x 26 224 x 106 x 26 224 x 106 x 40 224 x 106 x 40 224 x 106 x 40 224 x 106 x 40 34400000 00 34400500 00 34401000 00 34401500 00 34500000 00 34501000 00 34502000 00 34503000 00 34600000 00 34601000 00 34602000 00 34700000 00 34701000 00 34704000 00 34705000 00 34750000 00 34751000 00 34752000 00 34753000 00 34754000 00 34755000 00 34756000 00 34757000 00 34758000 00 34759000 00 34760000 00 34761000 00 34800000 00 34801000 00 34802000 00 34803000 00 34804000 00 34805000 00 34807000 00 34808000 00 34900009 00 34901009 00 34902009 00 34903009 00 34910009 00 34911009 00 34912009 00 34913009 00 - - - - 34500003 00 34501002 00 34502002 00 34503001 00 - - - - - - - 34750001 00 34751001 00 34752001 00 - 34754001 00 34755001 00 - - - - - - 34800001 00 34801001 00 34802001 00 34803001 00 34804001 00 34805001 00 34807001 00 34808001 00 34900000 00 34901000 00 34902000 00 34903000 00 34910002 00 34911000 00 34912000 00 34913000 00 - - - - x x - - x - - x x x x x x - x x - x x - x x - x - - x x - - - x x x x x x x x 9 Volt 9 Volt - - 9 Volt 9 Volt 9 Volt 9 Volt 9 Volt 9 Volt 3 AA 9 Volt 9 Volt 9 Volt 9 Volt 9 Volt 9 Volt 9 Volt - - - 9 Volt 9 Volt - - - - 4 AA 4 AA 4 AA - - - 4 AA - - - 4 AA 2 - 9 Volt - - 4 AA 2 - 9 Volt IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 40 IP 65 IP 65 IP 65 IP 65 IP 65 IP 65 IP 65 • Versatile ABS handheld enclosure available in either black or gray and over 50 configurations • Each enclosure provides different equipment features and accessories • Ideal enclosure for use with a wide range of mobile data collection and processing applications BOS Included in delivery Lid, base, and enclosure screws as required. See website for more detailed information on various configurations. Technical Data Material Color Ingress Protection Surface Resistance Flammability ABS; display screen, clear polycarbonate Black, similar to RAL 9005 and/or agate gray, similar to RAL 7038. Special colors on request. IP 40/DIN VDE 0470 >1014 Ohm to DIN 53482 UL 94 HB/1.6 Type With battery compartment Includes integrated set-up clip Without battery compartment Includes integrated set-up clip With panoramic display screen With display screen Without display opening With membrane keypad area With display screen With membrane keypad area With loudspeaker grill With display opening and battery compartment With display opening and battery compartment With slide for switch With slide for switch With panoramic display screen With display screen With membrane keypad area With panoramic display screen With display screen With membrane keypad area With panoramic display screen, with slide for switch With display screen, with slide for switch With membrane keypad area, with slide for switch With panoramic display screen, with slide for switch With display screen, with slide for switch With membrane keypad area, with slide for switch With panoramic display screen With display screen Without display opening With panoramic display screen With display screen Without display opening With membrane keypad area With membrane keypad area Without battery compartment and carrying strap Without battery compartment with carrying strap With carrying strap With carrying strap Without battery compartment Without battery compartment With battery compartment With battery compartment Dimensions Inches L x W x H 3.94 x 2.56 x 0.94 3.94 x 2.56 x 0.94 3.94 x 2.56 x 0.94 3.94 x 2.56 x 0.94 4.72 x 2.36 x 0.98 4.72 x 2.36 x 0.98 4.72 x 2.36 x 0.98 4.72 x 2.36 x 0.98 6.77 x 3.03 x 0.98 6.77 x 3.03 x 0.98 6.77 x 3.03 x 0.98 5.90 x 3.15 x 1.18 5.90 x 3.15 x 1.18 5.90 x 3.15 x 1.18 5.90 x 3.15 x 1.18 6.18 x 3.31 x 1.18 6.18 x 3.31 x 1.18 6.18 x 3.31 x 1.18 6.18 x 3.31 x 1.18 6.18 x 3.31 x 1.18 6.18 x 3.31 x 1.18 6.18 x 3.31 x 1.18 6.18 x 3.31 x 1.18 6.18 x 3.31 x 1.18 6.18 x 3.31 x 1.18 6.18 x 3.31 x 1.18 6.18 x 3.31 x 1.18 7.72 x 3.94 x 1.57 7.72 x 3.94 x 1.57 7.72 x 3.94 x 1.57 7.72 x 3.94 x 1.57 7.72 x 3.94 x 1.57 7.72 x 3.94 x 1.57 7.72 x 3.94 x 1.57 7.72 x 3.94 x 1.57 8.31 x 3.94 x 1.02 8.31 x 3.94 x 1.02 8.31 x 3.94 x 1.02 8.82 x 4.17 x 1.02 8.82 x 4.17 x 1.57 8.82 x 4.17 x 1.57 8.82 x 4.17 x 1.57 8.82 x 4.17 x 1.57 ASC = including integrated set-up clip Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only. Battery Compartment For |