| Moteur de recherche de fiches techniques de composants électroniques |
|
0809062000 Fiches technique(PDF) 55 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
0809062000 Fiches technique(HTML) 55 Page - List of Unclassifed Manufacturers |
|
55 / 164 page ![]() For Secondary Services, Product Support, or To Order, Call 1-301-696-9800 53 Extrusion only, bare Aluminum (sold by the meter) Dustight Lid–plate Aluminum, painted black, with lid screws Dustight Lid–plate Aluminum, unpainted, with lid screws Stainless Steel Lid Screw M3x6 mm Table Feet (sold as each) Extrusion only, bare Aluminum (sold by the meter) Custom Build-A-Box® 0701 07011100 10 07019509 00 07019509 08 10093032 00 10094102 00 Extrusion End Lid End Lid Screws Table Feet Part # Type 07021100 20 07029507 50 07029507 58 10093032 00 10094102 00 Extrusion End Lid End Lid Screws Table Feet Custom Build-A-Box® 0702 Part # Type Description 130 105 101 96 105 101 130 96 Dustight Lid–plate Aluminum, painted black, with lid screws Dustight Lid–plate Aluminum, unpainted, with lid screws Stainless Steel Lid Screw M3x6 mm Table Feet (sold as each) Description Accessories Accessories Enclosure Profile Enclosure Profile |