Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM831M Fiches technique(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM831M
Description  LM831 Low Voltage Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM831M Fiches technique(HTML) 9 Page - National Semiconductor (TI)

Back Button LM831M Datasheet HTML 5Page - National Semiconductor (TI) LM831M Datasheet HTML 6Page - National Semiconductor (TI) LM831M Datasheet HTML 7Page - National Semiconductor (TI) LM831M Datasheet HTML 8Page - National Semiconductor (TI) LM831M Datasheet HTML 9Page - National Semiconductor (TI) LM831M Datasheet HTML 10Page - National Semiconductor (TI) LM831M Datasheet HTML 11Page - National Semiconductor (TI) LM831M Datasheet HTML 12Page - National Semiconductor (TI) LM831M Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LM831 Circuit Description Refer to the external component diagram and equivalent schematic
The power supply is applied to Pin 9 and is filtered by resis-
tor R1 and capacitor CBY on Pin 16 This filtered voltage at
Pin 16 is used to bias all of the LM831 circuits except the
power output stage Resistor R0 generates a biasing current
that sets the output DC voltage for optimum output power
for any given supply voltage
Feedback is provided to the input transistor Q1 emitter by
R6 and R7
The capacitor CNF on Pin 2 provides unity DC gain for maxi-
mum DC accuracy
Q2 provides voltage gain and the rest of the devices buffer
the output load from Q2’s collector
Bootstrapping of Pin 5 by CBS allows maximum output
swing and improved supply rejection
R5 is provided for bridge (BTL) operation
External Component Diagram
TLH6754 – 12
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14