| Moteur de recherche de fiches techniques de composants électroniques |
|
NDP503C1R3 Fiches technique(PDF) 2 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
NDP503C1R3 Fiches technique(HTML) 2 Page - Amphenol Corporation |
|
2 / 2 page ![]() R25 W Material System B Value 25/85°C K Maximum Operating Temperature °F (°C) Code R25°C ± 1% Code R25°C ± 2% Code R25°C ± 3% Code R25°C ± 5% Code R25°C ± 10% 1000 2 3540±1% 257(125) NDP102C2R1 NDP102C2R2 NDP102C2R3 NDP102C2R5 NDP102C2R10 2000 2 3540±1% 257(125) NDP202C2R1 NDP202C2R2 NDP202C2R3 NDP202C2R5 NDP202C2R10 5000 2 3540±1% 257(125) NDP502C2R1 NDP502C2R2 NDP502C2R3 NDP502C2R5 NDP502C2R10 1000 2A 3627±1% 257(125) NDP102C2AR1 NDP102C2AR2 NDP102C2AR3 NDP102C2AR5 NDP102C2AR10 2000 2A 3627±1% 257(125) NDP202C2AR1 NDP202C2AR2 NDP202C2AR3 NDP202C2AR5 NDP202C2AR10 5000 2A 3627±1% 257(125) NDP502C2AR1 NDP502C2AR2 NDP502C2AR3 NDP502C2AR5 NDP502C2AR10 2700 1 3977±0.75% 311(155) NDP272C1R1 NDP272C1R2 NDP272C1R3 NDP272C1R5 NDP272C1R10 5000 1 3977±0.75% 311(155) NDP502C1R1 NDP502C1R2 NDP502C1R3 NDP502C1R5 NDP502C1R10 10000 1 3977±0.75% 311(155) NDP103C1R1 NDP103C1R2 NDP103C1R3 NDP103C1R5 NDP103C1R10 30000 1 3977±0.75% 311(155) NDP303C1R1 NDP303C1R2 NDP303C1R3 NDP303C1R5 NDP303C1R10 50000 1 3977±0.75% 311(155) NDP503C1R1 NDP503C1R2 NDP503C1R3 NDP503C1R5 NDP503C1R10 10000 4A 3436±1% 311(155) NDP103C4AR1 NDP103C4AR2 NDP103C4AR3 NDP103C4AR5 NDP103C4AR10 12000 5 3740±1% 257(125) NDP123C5R1 NDP123C5R2 NDP123C5R3 NDP123C5R5 NDP123C5R10 See separate tables for resistance - temperature data. Options • Otherresistancevalueswithintheranges shown;e.g.codeNDP152C2R1for1500±1% at77°F(25ºC)intherangeof32°F(0ºC)upto themaximumoperatingtemperature • Altermativereferencetemperatures • Wirelengths1.181into23.62in(30mmto600 mm)(±1mmor±2%,whicheveristhegreater) • Otherwirematerials • Otherwireinsulationcolors Data • Operatingtemperaturerange:-40°Fto311°F (-40°Cto155°C) • Thermaltimeconstant:<10s • Dissipationfactor:1.5mW/K • Voltageinsulation:500VDC • Wireinsulation:cadmiumfreeredPTFE/PFA • Packing:500/box AAS-920-577B 09/2015 www.amphenol-sensors.com ©2015AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice. Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor trademarksoftheirrespectiveowners. Amphenol Advanced Sensors NTC Type NDP Dimensions Ø0.01in±0.001 (0.25mm±0.02) Ø0.025in (0.65mm) max 0.27in (7mm) max Ø0.095in (2.4mm) max Ø0.095in (2.4mm) max 0.195in±0.04(5mm±1) 2.5in(65mm)min TypeNDPSpecifications |